PART |
Description |
Maker |
BAR40AN3 BAR40CN3 BAR40SN3 BAR40N3 |
Small Signal Schottky (double) diodes
|
Cystech Electonics Corp.
|
BAR40AN3 |
Small Signal Schottky (double) diodes
|
CYStech Electronics
|
BAS70WFILM BAS70JFILM BAS70-04WFILM BAS70-06WFILM |
SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE CYDC064B08 West Bridge Peripheral Controllers; Bus Width: x8; Speed: 55 ns 2K x 8 Automotive Dual-port Static RAM
|
ST Microelectronics STMicroelectronics
|
BAR18 BAS70-05 BAS70-04 BAS70-06 BAR18FILM BAS70-0 |
SMALL SIGNAL SCHOTTKY DIODES SMALL SIGNAL SCHOTTKY DIODES CYDC064B08 West Bridge Peripheral Controllers; Bus Width: x16; Speed: 55 ns 256K (16K x 8) Dual Port SRAM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
CDSV3-4448-G CDSV3-4048-G CDSV3-4148-G |
Small-Signal Switching Diode Small Signal Schottky Diodes
|
COMCHIP[Comchip Technology]
|
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
BAT54ACJW BAT54AW BAT54JFILM |
SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE 0.3 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
STMICROELECTRONICS ST Microelectronics
|
BAV70W |
Surface Mount Small Signal Double-Diodes
|
Diotec Semiconductor
|
BAV99 |
Surface mount Small Signal Double-Diodes
|
Diotec Semiconductor
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|